Part Number Hot Search : 
A1439 AD7703CR BAY8012 AD8608 AN108 MAX2991E 8927VZG MAX2991E
Product Description
Full Text Search
 

To Download UES1H220MPM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. u 1 e 2 s 3 1 4 a 5 4 6 7 7 0 8 m 9 e 10 m 11 configuration capacitance tolerance ( 20%) rated capacitance (47f) rated voltage (10v) series name type d 5 code dm 6.3 em 8 10 pm 12.5 16 hm l + max. pressure relief vent 15 min 4 min sleeve (p.e.t.) d d + 0.5 max. d p d 5 2.0 0.6 6.3 2.5 0.6 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.8 16 7.5 0.8 (6.3up) (d < 10) 1.0 (d 10) 1.5 (mm) p 0.5 aluminum electrolytic capacitors es series bi-polarized, for audio equipment bi-polarized nichicon muse acoustic series. suited for audio signal circuits. compliant to the rohs directive (2002/95/ec). radial lead type type numbering system (example : 10v 47 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life marking performance characteristics item 40 to +85c 6.3 to 50v 0.47 to 1000f 20% at 120hz, 20 c after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 3 (a), whichever is greater. printed with black color letter on clear green sleeve. measurement frequency : 120hz at 20 c measurement frequency : 120hz capacitance change leakage current the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 1000 hours at 85 c with the polarity inverted every 250 hours. after storing the capacitors under no load at 85 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the specified values for the endurance characteristics listed above. es tan within 20% of the initial capacitance value 150% or less than the initial specified value less than or equal to the initial specified value rated voltage (v) tan (max.) 6.3 0.24 10 0.20 16 0.16 25 0.16 35 0.14 50 0.12 z 25 c / z+20 c z 40 c / z+20 c rated voltage (v) impedance ratio zt / z20 (max.) 6.3 4 8 10 3 6 16 2 4 25 2 4 35 2 4 50 2 4 fw dimensions 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 5 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 25 0j 6.3 5 11 6.3 11 6.3 11 10 12.5 10 16 10 20 12.5 20 16 25 1a 10 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 20 12.5 20 12.5 25 16 25 1c 16 5 11 5 11 6.3 11 8 11.5 10 12.5 10 16 12.5 25 12.5 25 16 25 16 31.5 1e 25 5 11 6.3 11 8 11.5 10 12.5 10 12.5 10 20 12.5 25 16 25 16 25 1v 35 5 11 5 11 5 11 5 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 25 16 25 16 31.5 1h 50 d l (mm) v code cap.(f) bi-polarized please refer to page 20 about the end seal configulation. cat.8100b
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: nichicon: ? ues1a331mpj? ues1c100mdj? ues1c471mhj? ues0j101mpj? ues1c102mhj? ues1v100mej? ues1e220mej ? ues1h101mhj? ues0j101mpm? ues0j102mhm? ues0j221mpm? ues0j330mdm? ues0j331mpm? ues0j470mem? ues0j471mpm? ues1a101mpm? ues1a102mhm? ues1a220mdm? ues1a221mpm? ues1a330mem? ues1a331mpm? ues1a470mem? ues1a471mhm? ues1c100mdm? ues1c101mpm? ues1c102mhm? ues1c220mem? ues1c221mpm? ues1c330mem? ues1c331mhm? ues1c470mpm? ues1c471mhm? ues1e100mdm? ues1e101mpm? ues1e102mhm? ues1e221mhm? ues1e330mpm? ues1e331mhm? ues1e470mpm? ues1e471mhm? ues1e4r7mdm? ues1h010mdm? ues1h100mpm? UES1H220MPM? ues1h221mhm? ues1h2r2mdm? ues1h330mpm? ues1h331mhm? ues1h3r3mdm? ues1h470mpm? ues1h4r7mem? ues1hr47mdm? ues1v101mpm? ues1v220mpm? ues1v221mhm? ues1v330mpm? ues1v331mhm? ues1v470mpm? ues1v471mhm? ues1v4r7mdm? ues1v470mph? ues1h101mhm? ues1e220mem? ues1v100mem? ues0j471mhm


▲Up To Search▲   

 
Price & Availability of UES1H220MPM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X